Part Number Hot Search : 
1608B 2SC6054G 341YD 1N4971C TP3600 CO55C TP3600 CO55C
Product Description
Full Text Search
 

To Download B5AD1205NX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
With Remote On/Off Option (Rectangle Package)
FEATURES
! " # $ 3.0 Watt Isolated Output 2:1 Wide Input Range High Conversion Efficiency Continuous Short Circuit Protection Remote ON/OFF Option
INPUT SPECIFICATIONS
& Voltage ....................................12, 24, 48 Vdc & Voltage Range .........9-18, 18-36 & 36-72Vdc & Input Filter ........................................... Pi Type
GENERAL SPECIFICATIONS
& & & & Efficiency ...................................... Per Table Switching Frequency ............... 100KHz Min. Isolation Voltage: ..................... 500 Vdc Min. Operating Temperature ........ -25 to +75OC Derate Linearly to no load @ 100OC max. & Case Material: 500Vdc.......Non-Conductive Black Plastic 1.5kVdc & 3kVdc.....Black coated copper with non-conductive base & EMI/RFI........................Conductive EMI Meet EN55022 Class B PACKAGE
OUTPUT SPECIFICATIONS
Voltage ........................................... Per Table Initial Voltage Accuracy ................ 2% Max Voltage Stability ......................... 0.05% max Ripple & Noise .................... 100/150mV p-p Load Regulation (10 to 100% Load) Single Output Units: 0.5% Dual Output Units: 1.0% & Line Regulation ........................... 0.5% typ. & Temp Coefficient ...................... 0.05% /OC & Short Circuit Protection ........... Continuous & & & & & PIN ASSIGNMENTS REMOTE ON/OFF CONTROL
PHYSICAL DIMENSIONS DIMENSIONS IN inches (mm)
P PDCx03xxxx YYWW M
1.25 (31.8) .50 (12.7)
Logic Ec-On Ec-Off Shutdown Idle Current Input Resistance Control Common 500VDC PIN # 1 2 3 5 9 10 11 12 13 14 15 16 22 23 24 SINGLE OUTPUT + INPUT NC NC NP NP - OUTPUT + OUTPUT - INPUT - INPUT + OUTPUT - OUTPUT NP NC NC + INPUT DUAL OUTPUTS +INPUT - OUTPUT COMMON NP NP COMMON + OUTPUT - INPUT - INPUT + OUTPUT COMON NP COMMON - OUTPUT + INPUT
CMOS or Open Collector TTL >+5.5VDC or Open Circuit <1.8VDC 10mA 100 Ohm Referenced to Input Minus 1500VDC & 3000VDC PIN # 1 2 3 5 9 10 11 12 13 14 15 16 22 23 24 SINGLE OUTPUT NP - INPUT - INPUT NP NC NC NC NP NP + OUTPUT NC - OUTPUT + INPUT + INPUT NP DUAL OUTPUTS NP - INPUT - INPUT R.ON/OFF COMMON NC - OUTPUT NP NP + OUTPUT NC COMMON + INPUT + INPUT NP
PDCx0302x 12/00
.15 (3.8) .20 (5.1)
123 5
.10 (2.5)
9 10 11 12
.08 (2.0)
.60 .80 (15.24) (20.3)
24 23 22
16 15 14 13
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
With Remote On/Off Option (Rectangle Package)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -25OC TO +75OC
PART NUMBER
(NOTE #1)
INPUT VOLTAGE OUTPUT Previous VOLTAGE Premier Magnetic NOMINAL RANGE (Vdc) Part # (NOTE #2)
OUTPUT CURRENT (mAdc)
INPUT CURRENT NO LOAD FULL LOAD mA mA
TYPICAL EFFICIENCY
PDCS03021 PDCS03022 PDCS03023 PDCS03024 PDCD03022 PDCD03023 PDCD03024 PDCS03025 PDCS03026 PDCS03027 PDCS03028 PDCD03026 PDCD03027 PDCD03028 PDCS03029 PDCS03030 PDCS03031 PDCS03032 PDCD03030 PDCD03031 PDCD03032
B5AS1203NX B5AS1205NX B5AS1212NX B5AS1215NX B5AD1205NX B5AD1212NX B5AD1215NX B5AS2403NX B5AS2405NX B5AS2412NX B5AS2415NX B5AD2405NX B5AD2412NX B5AD2415NX B5AS4803NX B5AS4805NX B5AS4812NX B5AS4815NX B5AD4805NX B5AD4812NX B5AD4815NX
12 12 12 12 12 12 12 24 24 24 24 24 24 24 48 48 48 48 48 48 48
9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72 36-72 36-72
3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15
600 600 250 200 300 125 100 600 600 250 200 300 125 100 600 600 250 200 300 125 100
7.5 7.5 7.5 7.5 12 12 12 5 5 5 5 7.5 7.5 7.5 3 2 2 2 3 3 3
226 340 320 330 340 330 330 113 168 156 156 168 156 160 55 82 82 82 82 82 82
73 % 73 % 78 % 76 % 73 % 76 % 75 % 73 % 74 % 80 % 80 % 74 % 80 % 80 % 76 % 76 % 77 % 77 % 76 % 76 % 76 %
NOTE #1: PDCx030xx_ : BLANK FOR STANDARD PART WITH ISOLATION = 500VDC PDCx030xxK : ADD "K" FOR PART WITH ISOLATION = 1500VDC PDCx030xxQ : ADD "Q" FOR PART WITH ISOLATION = 3000VDC PDCx030xxR : ADD "R" FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
NOTE #2: (FOR PREVIOUS PREMIER MAGNETICS PART #) B5AXXXXXNX : FOR STANDARD PART WITH ISOLATION = 500VDC B5AXXXXXNM : FOR PART WITH ISOLATION = 1500VDC B5AXXXXXNT : FOR PART WITH ISOLATION = 3000VDC B5AXXXXXYT : FOR PART WITH ISOLATION = 3000VDC AND REMOTE ON/OFF
Specifications subject to change without notice.
PDCx0302x 12/00
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
2


▲Up To Search▲   

 
Price & Availability of B5AD1205NX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X